Part Number Hot Search : 
151K1 DL5237 S3P72H8 ST9291N3 ESDB12C BCD110V3 53102 DNT900DK
Product Description
Full Text Search
 

To Download SF1004G-Q1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF1004G-Q1
10.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range 200 Volts Current 10.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220
Mechanical Data
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MIL-STD202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260 oC/10 seconds .16",(4.06mm) from case. Weight: 2.24 grams
PIN 1 PIN 3 Positive CT CASE PIN 2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SF1004G-Q1 Type Number Maximum Recurrent Peak Reverse Voltage 200 V RRM Maximum RMS Voltage 140 V RMS Maximum DC Blocking Voltage 200 V DC
Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @T C = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 5.0A @10.0A Maximum DC Reverse Current @ T A=25 at Rated DC Blocking Voltage @ T A=100 Reverse Recovery Charge(Per Diode) @IF=2A, VR30V,-dIF/dt=20A/uS Thermal Resistance Junction to Case (Note 3) Rating for Fusing (t < 8.3mS)
Units V V V A A V uA uA NC
I(AV) IFSM VF IR QS RJC I2 t Trr Cj TJ
10.0 125 1.1 1.25 10.0 500 9
/W 3.0 65 A 2S Maximum Reverse Recovery Time (Note 1) 25 nS Typical Junction Capacitance (Note 2) 10 pF Operating Temperature Range -50 to +150 Storage Temperature Range T STG -50 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Thermal Resistance from Junction to Case Mounted on Heatsink. Size of 2 in x 3 in x 0.25 in, Al-Plate.
- 268 -
RATINGS AND CHARACTERISTIC CURVES (SF1004G-Q1)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
AVERAGE FORWARD CURRENT. (A)
10 8
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
6 4 2 0
TJ=100 0C
100
10
0
50 CASE TEMPERATURE. ( C)
o
100
150
TJ=25 0C
PEAK FORWARD SURGE CURRENT. (A)
150 120
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
TJ=125 0C
8.3ms Single Half Sine Wave JEDEC Method
1
0.1
0
20
40
60
80
100
120
140
90 60 30 0
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL FORWARD CHARACTERISTICS
100 30
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD CURRENT. (A)
10
FIG.5- TYPICAL JUNCTION CAPACITANCE
100
Tj=25 C
0
3 1
90
CAPACITANCE.(pF)
80 70 60 50 40 1 2 5 10 20 50 100 200 500 1000 REVERSE VOLTAGE. (V)
0.3 0.1
0.03 0.01 0.4
Tj=25oC Pulse Width=300 s 1% Duty Cycle
0.6
0.8 1.0 1.2 1.4 FORWARD VOLTAGE. (V)
1.6
1.8
- 269 -


▲Up To Search▲   

 
Price & Availability of SF1004G-Q1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X